Part Number Hot Search : 
PCF12 ES3207 15KPA45A CEM4936 C3602EF G25PP IMP1817 2SC13
Product Description
Full Text Search
 

To Download SRA2219U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRA2219U
PNP Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density
Ordering Information
Type NO. SRA2219U Marking CR Package Code SOT-323
Outline Dimensions
unit : mm
* Equivalent Circuit
2.10.1 1.250.05 C(OUT)
1
1.300.1 2.00.2
3
0.300.1
B(IN)
R1
2
0.150.05
R2
0.900.1
E(COMMON) 0~0.1 0.1 Min. R1 4.7K R2 10K
PIN Connections 1. Base 2. Emitter 3. Collector
KSR-3035-000
1
SRA2219U
Absolute maximum ratings
Characteristic
Out Voltage Input Voltage Out Current Power Dissipation Junction Temperature Storage Temperature
(Ta=25C)
Symbol
VO VI IO PD TJ TSTG
Ratings
-50 -20 -100 200 150 -55 ~ 150
Unit
V V mA mW C C
Electrical Characteristics
Characteristic
Output Cut-off Current DC Current Gain Output Voltage Input Voltage (ON) Input Voltage (OFF) Transition Frequency Input Current
(Ta=25C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO=-50V, VI=0 VO=-5V, IO=-10mA IO=-10mA, II=-0.5mA VO=-0.3V, IO=-20mA VO=-5V, IO=-0.1mA VO=-10V, IO=-5mA VI=-5V
Min. Typ. Max.
30 -0.3 -0.1 -1.76 -0.82 250 -500 -0.3 -2.5 -1.8
Unit
nA V V V MHz mA
II
* : Characteristic of Transistor Only
KSR-3035-000
2
SRA2219U
Electrical Characteristic Curves
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
KSR-3035-000
3


▲Up To Search▲   

 
Price & Availability of SRA2219U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X